Part Number Hot Search : 
M3A11FBD 482T5 78L15 Y7C10 IBHC0128 TIP132 AP242101 PIC18F45
Product Description
Full Text Search
 

To Download MGBR30L45CG-TF3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd mgbr30l45c preliminary diode www.unisonic.com.tw 1 of 3 copyright ? 2014 unisonic technologies co., ltd qw-r601-167.b dual mos gated barrier rectifier ? description the utc mgbr30l45c is a dual mos gated barrier rectifiers, it uses utc?s advanced technology to provide customers with low forward voltage drop and high switching speed, etc. ? features * low forward voltage drop * high switching speed ? symbol ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 mgbr30l45cl-ta3-t mgbr30l45cg-ta3-t to-220 a k a tube mgbr30l45cl-tf3-t MGBR30L45CG-TF3-T to-220f a k a tube note: pin assignment: a: anode k: common cathode ? marking information package marking to-220/to-220f
mgbr30l45c preliminary diode unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r601-167.b ? absolute maximum ratings (per leg) (t a =25c unless otherwise specified) single phase, half wave, 60hz, resistive or inductive load. for capacitance load, derate current by 20%. parameter symbol ratings unit dc blocking voltage v rm 45 v working peak reverse voltage v rwm 45 v peak repetitive reverse voltage v rrm 45 v average rectified output current per device per leg i o 15 a total 30 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 200 a operating junction temperature t j -65 ~ +150 c storage temperature t stg -65 ~ +150 c note: absolute maximum ratings are those values beyond which the device coul d be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data parameter symbol ratings unit junction to ambient ja 62.5 c/w junction to case to-220 jc 2 c/w to-220f 3.31 ? electrical characteristics (per leg) (t a =25 c unless otherwise specified.) parameter symbol test conditions min typ max unit reverse breakdown voltage (note 1) v ( br ) r i r =0.50ma 45 v forward voltage drop v fm i f =15a, t j =25c 0.60 v i f =15a, t j =125c 0.55 v leakage current (note 1) i rm v r =45v, t j =25c 300 a v r =45v, t j =125c 100 ma notes: 1. short duration pulse test used to minimize self-heating effect. 2. thermal resistance junction to case mounted on heatsink.
mgbr30l45c preliminary diode unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r601-167.b utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of MGBR30L45CG-TF3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X